Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1001 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # ER1001
Description  10A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1001 Datasheet(HTML) 2 Page - Won-Top Electronics

  ER1001 Datasheet HTML 1Page - Won-Top Electronics ER1001 Datasheet HTML 2Page - Won-Top Electronics ER1001 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1003 - 1006
1000 - 1002
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006
1003 - 1004
1000 - 1002
ER1000 – ER1006
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - ER1001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1001 PANJIT-ER1001 Datasheet
269Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
Transys Electronics
ER1001 TRSYS-ER1001 Datasheet
146Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER1001 WTE-ER1001 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1001 PANJIT-ER1001 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER1001 PANJIT-ER1001 Datasheet
83Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000CT WTE-ER1000CT Datasheet
49Kb / 3P
   10A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1000FCT WTE-ER1000FCT Datasheet
48Kb / 3P
   10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1000F WTE-ER1000F Datasheet
48Kb / 3P
   10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SFF10L04GA TSC-SFF10L04GA Datasheet
334Kb / 9P
   10A, 200 - 600V Isolated Glass Passivated Super Fast Rectifier
SFF10L04G TSC-SFF10L04G Datasheet
325Kb / 9P
   10A, 200 - 600V Isolated Glass Passivated Super Fast Rectifier
logo
Frontier Electronics.
FEF100-02 FRONTIER-FEF100-02 Datasheet
130Kb / 2P
   10A FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com