Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC125TUA Datasheet(PDF) 1 Page - Rohm

Part # DTC125TUA
Description  100mA / 50V Digital transistor (with built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC125TUA Datasheet(HTML) 1 Page - Rohm

  DTC125TUA_09 Datasheet HTML 1Page - Rohm DTC125TUA_09 Datasheet HTML 2Page - Rohm DTC125TUA_09 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Each lead has same dimensions
Abbreviated symbol : 0A
Abbreviated symbol : 0A
Each lead has same dimensions
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
DTC125TKA
DTC125TUA
EIAJ : SC-59
(3) Collector
(1) Emitter
(2) Base
(2) Base
(3) Collector
(1) Emitter
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Part No.
DTC125TUA
UMT3
Taping
T106
3000
DTC125TKA
SMT3
Taping
T146
3000
Package
Packaging type
Code
Basic ordering unit (pieces)
C
B
R1=200k
Ω
E
R1
E : Emitter
C : Collector
B : Base
100mA / 50V Digital transistor
(with built-in resistor)
DTC125TUA / DTC125TKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.
2) The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input, and parasitic
effects are almost completely eliminated.
3) Only the on / off conditions need to be set for operation,
making the device design easy.
4) Higher mounting densities can be achieved.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
Inner circuit


Similar Part No. - DTC125TUA_09

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC125TUA ROHM-DTC125TUA Datasheet
50Kb / 3P
   Digital transistor (built-in resistor)
More results

Similar Description - DTC125TUA_09

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144TE ROHM-DTC144TE_09 Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTA114GUA ROHM-DTA114GUA_09 Datasheet
93Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA_09 Datasheet
140Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTC124TE ROHM-DTC124TE_09 Datasheet
144Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTA144TE ROHM-DTA144TE_09 Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC114EEFRA ROHM-DTC114EEFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA144EUAFRA ROHM-DTA144EUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143ZMFHA ROHM-DTA143ZMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XUAFRA ROHM-DTA143XUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com