Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTC114GKA Datasheet(PDF) 2 Page - Rohm

Part No. DTC114GKA
Description  100mA / 50V Digital transistors (with built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

DTC114GKA Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Data Sheet
DTC114GUA / DTC114GKA
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
R
50
50
5
300
30
7
250
10
0.5
580
0.3
13
V
V
V
μA
μA
V
MHz
k
Ω
IC
=50μA
IC
=1mA
IE
=720μA
VCB
=50V
VEB
=4V
IC
=10mA, IB=0.5mA
IC
=5mA, VCE=5V
VCE
=10V, IE= −5mA, f=100MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Emitter-base resistance
Characteristics of built-in transistor
Electrical characteristic curves
1k
500
200
100
50
20
10
5
2
1
100
μ 200μ 500μ 1m 2m
5m
10m 20m
50m 100m
VCE
=5V
Fig.1 DC current gain
vs. Collector current
COLLECTOR CURRENT : IC
(A)
Ta
=100°C
Ta
=25°C
Ta
= −40°C
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
100
μ 200μ 500μ 1m 2m
5m
10m 20m
50m 100m
IC/IB
=20/1
Fig.2 Collector-Emitter saturation voltage
vs. Collector current
COLLECTOR CURRENT : IC
(A)
Ta
=100°C
Ta
=25°C
Ta
= −40°C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn