Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTB723YE Datasheet(PDF) 2 Page - Rohm

Part No. DTB723YE
Description  -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB723YE Datasheet(HTML) 2 Page - Rohm

  DTB723YE_09 Datasheet HTML 1Page - Rohm DTB723YE_09 Datasheet HTML 2Page - Rohm DTB723YE_09 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.C
Data Sheet
DTB723YE / DTB723YM
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−2.5
1.54
140
3.6
−70
2.2
4.5
260
−0.3
−300
−3.0
−500
2.86
5.5
V
VCC=
−5V, IO= −100µA
VO=
−0.3V, IO= −20mA
IO/II=
−50mA / −2.5mA
VI=
−5V
VCC=
−30V, VI=0V
VO=
−2V, IO= −100mA
VCE=
−10V, IE=5mA, f=100MHz
mV
mA
nA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor.
Electrical characteristic curves
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
OUTPUT VOLTAGE : VO (V)
Ta=25℃
Ii=0.2mA
Ii=0.3mA
Ii=0.4mA
Ii=0.5mA
Ii=0.6mA
Ii=0.7mA
Ii=0.8mA
Ii=1.0mA
Ii=0.9mA
Ii=0mA
Ii=0.1mA
0.1
1
10
1
10
100
1000
OUTPUT CURRENT : IO (mA)
V0=0.3V
Ta=-40℃
    25℃
    85℃
   125℃
0.01
0.1
1
10
100
00.5
11.5
2
INPUT VOLTAGE : Vin(off) (V)
VCC=5V
Ta=125℃
    85℃
    25℃
   -40℃
1
10
100
1000
0.01
0.1
1
10
100
1000
OUTPUT CURENT : IO (mA)
VO=5V
Ta=125℃
    85℃
    25℃
   -40℃
0.01
0.1
1
1
10
100
1000
OUTPUT CURRENT : IO (mA)
IO/II = 20/1
Ta=125℃
    85℃
    25℃
   -40℃
Fig.1 Output Current vs. Output Voltage
Fig.2 Input Voltage vs. Output Current
Fig.3 Output Current vs. Input Voltage
Fig.4 DC Current Gain vs. Output Current
Fig.5 Output Voltage vs. Output Current


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn