Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0246A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0246A
Description  SMD 7.0x5.0 16MHz TCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0246A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0246A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0246A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0246A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0246A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0246A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0246A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
2. Oxidization of terminals shall make the solderability more inferior. Dusts and corrosive gas
will make a cause of the open or short circuit. Keep it in the clean place where is not in
dusty and no corrosive gas.
3. Use the unti-static material to the storage package.
4. Don’t put any excess weight to the TCXO in the storage process.
5. Don’t move the product from the cold place to the hot place in the short time, otherwise it
may make some dew-drop, then a short circuit may happen in case.
6. Storage periods should be maximum 6 months under condition of above item 1 after
delivery from TST factory.
7. Once open the bag, there is possibility of electrical characteristics deterioration due to
absorption of moisture. So, please use parts within 7 days after opening the bag.
8. If you have to keep parts without using after opening the bag, please put the drying agent
in the bag, fold the bag and keep it in the place where temperature and humidity are
controlled (nitrogen atmosphere box etc.)


Similar Part No. - TX0246A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0240A TAI-SAW-TX0240A Datasheet
265Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
More results

Similar Description - TX0246A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
   SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
TZ2012B TAI-SAW-TZ2012B Datasheet
417Kb / 8P
   Crystal Unit SMD 3.2x2.5 16MHz
REV. NO.: 1
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0897A TAI-SAW-TZ0897A Datasheet
147Kb / 8P
   Crystal Unit SMD 4.0x2.5 16MHz
REV. NO.: 1
TZ1525A TAI-SAW-TZ1525A Datasheet
386Kb / 7P
   SMD 5.0x3.2 16MHz Crystal Unit
REV. NO.: 1
TX0438A TAI-SAW-TX0438A Datasheet
144Kb / 6P
   VCXO SMD 7.0x5.0 30.72MHz
REV. NO.:1.0
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TZ0995A TAI-SAW-TZ0995A Datasheet
176Kb / 5P
   SMD 7.0x5.0 8.192MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com