Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0218A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0218A
Description  SMD 5x3.2 12.8MHz TCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0218A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0218A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0218A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0218A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0218A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0218A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0218A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
5. Don’t move the product from the cold place to the hot place in the short time, otherwise it
may make some dew-drop, then a short circuit may happen in case.
6. Storage periods should be maximum 6 months under condition of above item 1 after
delivery from TST factory.
7. Once open the bag, there is possibility of electrical characteristics deterioration due to
absorption of moisture. So, please use parts within 7 days after opening the bag.
8. If you have to keep parts without using after opening the bag, please put the drying agent
in the bag, fold the bag and keep it in the place where temperature and humidity are
controlled (nitrogen atmosphere box etc.)


Similar Part No. - TX0218A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
   7.0x5.0 36 MHz VCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
   SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
More results

Similar Description - TX0218A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
   SMD 5x3.2 20.000MHz TCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
   SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
   SMD 5x3.2 XO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com