Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0159A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0159A
Description  SMD 5.0x3.2 19.44MHz VCTCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0159A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0159A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0159A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0159A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0159A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0159A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0159A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
2. Tape Dimension
[NOTE]:
1. Unless otherwise specified tolerance on dimension +/-0.1 mm.
2. Material: conductive polystyrene with color black
3. 10 pitch cumulative tolerance +/-0.2 mm.
Notes of the Usage:
1. Touch the solder iron at 260+/-5 deg C onto the leads for 10+/-2 sec max or touch the
solder at 350+/-5 deg C onto the leads for 3+/-0.5 sec.
2. In the customer’s reflow process, if it will remain some mechanical stress at the soldering
terminals, also make some cracks on the soldering termination. Some cracks will cause
open or short circuit and cause of thermal increasing or smoking. Don’t make any excess
mechanical stress to soldering points.
3. In case of giving a heavy shock to the products, it may make an open or short circuit and
cause of thermal increasing and smoking. To avoid heavy shock impact applying to
products is strictly required.
Notes of the Storage:
1. To keep products under the condition at the room temperature (-5~35 deg C) with normal
humidity (45~75%). Absorption of moisture and dewdrop may make inferiority of
characteristics and a short circuit.
2. Oxidization of terminals shall make the solderability more inferior. Dusts and corrosive gas
will make a cause of the open or short circuit. Keep it in the clean place where is not in
dusty and no corrosive gas.
3. Use the unti-static material to the storage package.
4. Don’t put any excess weight to the TCXO in the storage process.
Direction of Feed


Similar Part No. - TX0159A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
   7.0x5.0 VCXO 35.328 MHz
More results

Similar Description - TX0159A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0479A TAI-SAW-TZ0479A Datasheet
191Kb / 5P
   SMD 5.0x3.2 19.44MHz Crystal Unit
REV. NO.: 2
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
   SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TX0406A TAI-SAW-TX0406A Datasheet
338Kb / 6P
   SMD 5.0x3.2 14.7456MHz VCTCXO
REV. NO.: 2.0
TX0579A TAI-SAW-TX0579A Datasheet
178Kb / 7P
   SMD 5.0x3.2 10MHz VCTCXO
REV. NO.:2.0
TX0129A TAI-SAW-TX0129A Datasheet
239Kb / 6P
   SMD 5.0x3.2 19.68MHz VCTCXO
TX0456A TAI-SAW-TX0456A Datasheet
192Kb / 7P
   SMD 5.0x3.2 10MHz VCTCXO
REV. NO.: 1.0
TX0192A TAI-SAW-TX0192A Datasheet
342Kb / 7P
   5.0x3.2 19.2MHz VCTCXO
TX0351A TAI-SAW-TX0351A Datasheet
346Kb / 7P
   VCTCXO SMD 3.2x2.5 13.57285156MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com