Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0129A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0129A
Description  SMD 5.0x3.2 19.68MHz VCTCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0129A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0129A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0129A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0129A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0129A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0129A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0129A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x3.2 19.68MHz VCTCXO
MODEL NO.: TX0129A
REV. NO.: 4
Features:
Frequency Adjustment Capability after Reflow Soldering Process
Good Frequency Stability
Good Phase Noise Response
Description and Applications:
Surface mount 5.0mmx3.2mmm VCTCXO for use in wireless communications devices.
Electrical Specifications:
TX0129A
Specifications
Nominal Frequency, Fo
19.680000 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-30
°C to +75°C
Power Supply Voltage, Vcc
2.7 V
Output Voltage with Load 10pF//10KΩ, Vout
0.8 Vp-p min
Power Supply Current, Icc
2.0 mA max
Control Voltage, Vcon
1.35+/- 1.00 V
Frequency Tolerance (Vcon=1.35V) after two
Reflows
+/- 2.0 ppm max @ 25
°C +/- 3°C
Frequency Stability
a. Vs. Temperature (-30~75
°C)
b. Vs. Supply Voltage varied 2.7V+/-5%
c. Vs. Load varied +/-10%
+/- 2.5 ppm
+/- 0.3 ppm
+/- 0.2 ppm
Vcon Frequency Control Range (1.35+/-1.0 V)
+/-4 ~ +/-8 ppm/V
Start Up Time (90% of final RF level in Vp-p)
3.0 msec max.
Harmonics
-5.0 dBc max
SSB Phase Noise (@1KHz Carrier Offset)
-130 dBc/Hz max
Aging
+/-1.0 ppm/year @25
°C
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TX0129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
   SMD 3.2x2.5 13.0MHz VCTCXO
TX0131A TAI-SAW-TX0131A Datasheet
219Kb / 6P
   SMD 3.2x2.5 19.2MHz VCTCXO
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
   7.0x5.0 PECL VCXO 155.52 MHz
More results

Similar Description - TX0129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0411A TAI-SAW-TX0411A Datasheet
338Kb / 7P
   SMD 5.0x3.2 19.68MHz TCXO
REV. NO.: 1.0
TZ0415A TAI-SAW-TZ0415A Datasheet
217Kb / 5P
   SMD 5.0x3.2 19.68MHz Crystal Unit
REV. NO.: 1
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
   SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TX0406A TAI-SAW-TX0406A Datasheet
338Kb / 6P
   SMD 5.0x3.2 14.7456MHz VCTCXO
REV. NO.: 2.0
TX0159A TAI-SAW-TX0159A Datasheet
219Kb / 6P
   SMD 5.0x3.2 19.44MHz VCTCXO
TX0579A TAI-SAW-TX0579A Datasheet
178Kb / 7P
   SMD 5.0x3.2 10MHz VCTCXO
REV. NO.:2.0
TX0456A TAI-SAW-TX0456A Datasheet
192Kb / 7P
   SMD 5.0x3.2 10MHz VCTCXO
REV. NO.: 1.0
TX0192A TAI-SAW-TX0192A Datasheet
342Kb / 7P
   5.0x3.2 19.2MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com