Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0284A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0284A
Description  7.0x5.0 XO 125 MHz PECL Output Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0284A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0284A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0284A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0284A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0284A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0284A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 2007/11/7 (REV NO : 1)
Product Name: 7.0x5.0 XO 125 MHz PECL Output Oscillator
TST Parts No.: TW0284A
Customer Parts No.:
Checked by:
Ryan Huang
Approval by:
Robert Chang
Date:
2007/11/7
Company:
Division:
Approved by :
Date:


Similar Part No. - TW0284A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0283A TAI-SAW-TW0283A Datasheet
271Kb / 5P
   7.0x5.0 XO 100 MHz PECL Output Oscillator
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
   SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
More results

Similar Description - TW0284A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0283A TAI-SAW-TW0283A Datasheet
271Kb / 5P
   7.0x5.0 XO 100 MHz PECL Output Oscillator
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
   7.0x5.0 PECL Crystal Oscillator 53.125 MHz
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
   7.0x5.0 PECL VCXO 155.52 MHz
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 125 MHz
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
logo
Fox Electronics
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
   3.3V LV-PECL XO
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com