Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0280A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0280A
Description  SMD 5.0x3.2 10MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0280A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0280A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0280A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0280A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0280A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0280A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
Mechanical Dimensions: (Unit: mm)
Test Circuit:
Output Waveform :


Similar Part No. - TW0280A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0283A TAI-SAW-TW0283A Datasheet
271Kb / 5P
   7.0x5.0 XO 100 MHz PECL Output Oscillator
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
   7.0x5.0 XO 125 MHz PECL Output Oscillator
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
   SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
More results

Similar Description - TW0280A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1893A TAI-SAW-TZ1893A Datasheet
353Kb / 7P
   Crystal Unit SMD 5.0x3.2 10MHz
REV. NO.: 1
TZ1641A TAI-SAW-TZ1641A Datasheet
341Kb / 7P
   SMD 5.0x3.2 10MHz Crystal Unit
REV. NO.: 1
TZ0614A TAI-SAW-TZ0614A Datasheet
345Kb / 7P
   SMD 5.0x3.2 10MHz Crystal Unit
REV. NO.: 4
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com