Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0239A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0239A
Description  SMD 5.0x3.2 19.2MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0239A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0239A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0239A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0239A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0239A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0239A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
Mechanical Dimensions: (Unit: mm)
Test Circuit:
Marking:
Line 1: 19.200(Frequency)
Line 2: T WDA (TST logo + Product Code + Data Code + TST Internal Code)
19.200
T WDA


Similar Part No. - TW0239A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0230A TAI-SAW-TW0230A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.384MHz Crystal Oscillator
TW0231A TAI-SAW-TW0231A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.6666MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
More results

Similar Description - TW0239A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0715A TAI-SAW-TZ0715A Datasheet
182Kb / 5P
   SMD 5.0x3.2 19.2MHz Crystal Unit
REV. NO.: 1
TZ2576A TAI-SAW-TZ2576A Datasheet
118Kb / 7P
   Crystal Unit SMD 5.0x3.2 19.2MHz
REV. NO.: 1
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TW0240A TAI-SAW-TW0240A Datasheet
218Kb / 5P
   SMD 3.2x2.5 19.2MHz Crystal Oscillator
TW0617AA1150 TAI-SAW-TW0617AA1150 Datasheet
160Kb / 8P
   Crystal Oscillator SMD 2.0x1.6 19.2MHz
REV. NO: 1
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com