Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C25D Datasheet(PDF) 1 Page - Won-Top Electronics

Part # C25D
Description  25A AUTOMOTIVE RECTIFIER CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

C25D Datasheet(HTML) 1 Page - Won-Top Electronics

  C25D Datasheet HTML 1Page - Won-Top Electronics C25D Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C25A – C25M
1 of 2
© 2002 Won-Top Electronics
C25A – C25M
25A AUTOMOTIVE RECTIFIER CELL
Features
!
Diffused Junction
!
Low Leakage
B
!
Low Cost
D
!
High Surge Current Capability
!
Die Size 164 mil HEX
E
C
Mechanical Data
A
!
Case: Protected with Silicon Rubber
!
Terminal: Slug, Cu with Ag Plated
!
Polarity: Indicated by Large Slug
On Cathode Side
!
Mounting Position: Any
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
C25A
C25B
C25D
C25G
C25J
C25K
C25M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 50A
VFM
1.08
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
3.0
µA
Typical Thermal Resistance Junction to Ambient
RJA
26
K/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +150
°C
*Glass passivated forms are available upon request
WT E
PO W E R SEM IC O ND UC TO R S
C25
Dim
Min
Max
A
—5.46
B
—4.82
C
0.75
D
1.0
E
—2.2
All Dimensions in mm


Similar Part No. - C25D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25D WTE-C25D Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C25D WTE-C25D Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
List of Unclassifed Man...
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
C25DND215_ ETC-C25DND215_ Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
C25DND225_ ETC-C25DND225_ Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
More results

Similar Description - C25D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25A WTE-C25A_14 Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C25A WTE-C25A_06 Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C35A WTE-C35A Datasheet
23Kb / 2P
   35A AUTOMOTIVE RECTIFIER CELL
logo
TAITRON Components Inco...
ARS2505 TAITRON-ARS2505 Datasheet
130Kb / 4P
   25A Automotive Rectifiers
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
logo
Won-Top Electronics
AR25A WTE-AR25A Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB250-05H SANYO-SB250-05H Datasheet
79Kb / 3P
   50V, 25A Rectifier
SB250-05R SANYO-SB250-05R Datasheet
80Kb / 3P
   50V, 25A Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com