Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0408A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0408A
Description  SAW Resonator 315 MHz TO-39
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0408A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0408A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315 MHz
MODEL NO.: TC0408A
REV. NO.:1.0
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: ±30 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
314.925
315.000
315.075
Insertion Loss IL
dB
-
2.0
2.5
Unloaded Q QU
-
16900
-
50Ω loaded Q QL
-
2000
-
Frequency Aging
ppm/yr
-
-
10
Equivalent Elements
Motional capacitance C1
fF
-
1.9994
-
Motional inductance L1
μ
H
-
90.67
-
Motional resistance R1
Ohm
-
19
29
Parallel capacitance Co
pF
-
4.7
-
Temp.coeff.
ppm/c*2
-
0.037
-
Turnover To
deg.C
10
25
40
Package size
TO-39
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
1
2
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead-free soldering


Similar Part No. - TC0408A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0402A TAI-SAW-TC0402A Datasheet
263Kb / 6P
   SAW Resonator 915.5 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
   SAW Resonator 916 MHz SMD 3.8X3.8 mm
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
   SAW Resonator 433.92 MHz TO-39
More results

Similar Description - TC0408A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
   SAW Resonator 433.920 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
   SAW Resonator 316 MHz TO-39
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
   SAW Resonator 315.15 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
   SAW Resonator 433.920 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
   SAW Resonator 433.92 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
   SAW Resonator 433.92 MHz TO-39
TC0274B TAI-SAW-TC0274B Datasheet
340Kb / 5P
   SAW Resonator 315 MHz
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
   SAW Resonator 315 MHz
TC0437A TAI-SAW-TC0437A Datasheet
293Kb / 6P
   SAW Resonator 315 MHz
TC315E1B TAI-SAW-TC315E1B Datasheet
211Kb / 3P
   SAW Resonator 315 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com