Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0185A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0185A
Description  SMD 7.0x5.0 33.333MHz Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0185A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0185A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0185A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
SMD 7.0x5.0 33.333MHz Crystal Oscillator
MODEL NO.: TW0185A
REV. NO.: 2.0
Revise:
Rev.
Rev. Page Rev. Account
Date
Ref. No.
Reviser
1
2
N/A
2
Initial release
Electrical Characteristics Change
2/13/06’
8/10/09’
N/A
1.0
Robert Chang
Quinton Lo


Similar Part No. - TW0185A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0105A TAI-SAW-TW0105A Datasheet
194Kb / 5P
   SMD Clock Oscillator 22.0 MHz
TW0106A TAI-SAW-TW0106A Datasheet
207Kb / 5P
   SMD Clock Oscillator 44.0 MHz
REV. NO.: 2
TW0107A TAI-SAW-TW0107A Datasheet
208Kb / 5P
   SMD Clock Oscillator 36.000 MHz
TW0108A TAI-SAW-TW0108A Datasheet
208Kb / 5P
   SMD Clock Oscillator 36.000 MHz
TW0112A TAI-SAW-TW0112A Datasheet
366Kb / 7P
   SMD 7.0x5.0 48MHz Crystal Oscillator
REV. NO.: 2.0
More results

Similar Description - TW0185A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
   SMD 7.0x5.0 125MHz Crystal Oscillator
TW0257A TAI-SAW-TW0257A Datasheet
182Kb / 5P
   SMD 7.0x5.0 66MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0112A TAI-SAW-TW0112A Datasheet
366Kb / 7P
   SMD 7.0x5.0 48MHz Crystal Oscillator
REV. NO.: 2.0
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TW0259A TAI-SAW-TW0259A Datasheet
232Kb / 5P
   SMD 7.0x5.0 31.25MHz Crystal Oscillator
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com