Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0170A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0170A
Description  SMD Clock Oscillator 62.208 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0170A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0170A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0170A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0170A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0170A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0170A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING: (Unit: mm)
E. FREQUENCY STABILITY OVER TEMPERATURE (TYPICAL):
-12
-9
-6
-3
0
3
6
9
12
-40
-30
-20
-10
0
10
2030
405060
7080
Temperature
F. TEST CIRCUIT:
G. OUTPUT WAVEFORM (TYPICAL):


Similar Part No. - TW0170A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0174A TAI-SAW-TW0174A Datasheet
257Kb / 5P
   SMD 5.0x3.2 67.5MHz Crystal Oscillator
TW0178A TAI-SAW-TW0178A Datasheet
144Kb / 5P
   SMD Clock Oscillator 34.560 MHz
More results

Similar Description - TW0170A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
   SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
   SMD Clock Oscillator 40.0 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0198A TAI-SAW-TW0198A Datasheet
154Kb / 4P
   SMD Clock Oscillator 32.000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com