Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0168A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0168A
Description  SMD 5.0x3.2 72.0MHz Clock Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0168A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0168A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0168A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0168A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0168A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0168A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reflow Profile:
0
50
100
150
200
250
300
0
60
120
180
240
300
360
Time (seconds)
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
Max peak temperature: 260 deg C


Similar Part No. - TW0168A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0160A TAI-SAW-TW0160A Datasheet
147Kb / 5P
   SMD Clock Oscillator 13.0 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0169A TAI-SAW-TW0169A Datasheet
158Kb / 5P
   SMD Clock Oscillator 22.1184MHz
More results

Similar Description - TW0168A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
logo
Yuechung International ...
OSCLD-S5 YIC-OSCLD-S5 Datasheet
325Kb / 1P
   OSCLD-S5 Series : LVDS SMD Crystal Clock Oscillator 5.0x3.2 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
TW0208A TAI-SAW-TW0208A Datasheet
209Kb / 5P
   SMD 5.0x3.2 44MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com