Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0151A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0151A
Description  SMD 5.0x3.2 40MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0151A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0151A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0151A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0151A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0151A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0151A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x3.2 40MHz Crystal Oscillator
MODEL NO.: TW0151A
REV. NO: 4
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
2.5 V Supply Voltage Operation / Complementary CMOS Output
Option-able stand-by function for output (Tri-state output).
Electrical Characteristics:
TW0151A
Specifications
Nominal Frequency, Fo
40.000000 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-10
°C to +70°C
Power Supply Voltage, Vcc
2.5 V +/- 5%
Load
10KΩ // 15pF
“0” Level
“1” Level
0.25 V max
2.25 V min
Power Supply Current, Icc
4 mA max
Frequency Accuracy1
+/-25 ppm max
Duty Cycle
45% ~ 55%
Rise Time ( 10% -> 90% of final RF level in Vp-p )
Fall Time ( 90% -> 10% of final RF level in Vp-p )
5 nsec max.
5 nsec max
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
#Note 1: Frequency accuracy includes 25C tolerance, operating temperature range -10 to 70 deg C, aging and
voltage or load change
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TW0151A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
   7.0x5.0 PECL Crystal Oscillator 53.125 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
   SMD Clock Oscillator 40.0 MHz
TW0159A TAI-SAW-TW0159A Datasheet
153Kb / 4P
   SMD Clock Oscillator 48.0 MHz
logo
Toshiba Semiconductor
TW015N120C TOSHIBA-TW015N120C Datasheet
528Kb / 10P
   MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.2.0
More results

Similar Description - TW0151A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TZ0532A TAI-SAW-TZ0532A Datasheet
215Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Unit
REV. NO.: 1
TZ1194A TAI-SAW-TZ1194A Datasheet
332Kb / 7P
   SMD 5.0x3.2 40MHz Crystal Unit
REV. NO.: 3
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com