Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV0114B Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TV0114B
Description  SMD 8.2x6.0 Baby Monitor VCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TV0114B Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TV0114B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TV0114B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TV0114B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TV0114B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TV0114B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
Tape & Reel:
[NOTE]
1. UNIT : MM.
2. UNLESS OTHERWISE SPECIFIED TOLERANCE ON DIM. +/-0.1MM.
3. MATERIAL : CONDUCTIVE POLYSTYRENE.
4. COLOR : BLACK.
5. 10 PITCH CUMULATIVE TOLERANCE +/-0.2MM.


Similar Part No. - TV0114B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TV0112A TAI-SAW-TV0112A Datasheet
326Kb / 6P
   VCO, SMD, 8.2mm x 6.0mm
REV. NO.: 4
TV0119A TAI-SAW-TV0119A Datasheet
180Kb / 5P
   SMD 8.2x6.0 VCO
More results

Similar Description - TV0114B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TV0119A TAI-SAW-TV0119A Datasheet
180Kb / 5P
   SMD 8.2x6.0 VCO
TV0134A TAI-SAW-TV0134A Datasheet
334Kb / 5P
   SMD 8.2x6.0 VCO
TV0125A TAI-SAW-TV0125A Datasheet
312Kb / 5P
   SMD 8.2x6.0 VCO
TV0123A TAI-SAW-TV0123A Datasheet
158Kb / 5P
   SMD 8.2x6.0 DAB Wideband VCO
logo
OptoSupply Internationa...
OSC84LS1C1A OPTOSUPPLY-OSC84LS1C1A Datasheet
90Kb / 1P
   3.5x2.8x1.9mm Baby Pink SMD LED
OSC84TS4C1A OPTOSUPPLY-OSC84TS4C1A Datasheet
123Kb / 1P
   5x5x1.5mm Baby Piink Top SMD LED
OSC84L5111A OPTOSUPPLY-OSC84L5111A Datasheet
114Kb / 1P
   5mm Round Baby Piink SMD LED
OSC84L3131A OPTOSUPPLY-OSC84L3131A Datasheet
124Kb / 1P
   3mm Round Baby Piink SMD LED
logo
PULS GmbH
SLR2.100 PULS-SLR2.100 Datasheet
479Kb / 2P
   Baby with redundancy
logo
TAI-SAW TECHNOLOGY CO.,...
TV0105A TAI-SAW-TV0105A Datasheet
158Kb / 4P
   SMD 8.2x6.0mm 748MHz VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com