Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144WUA Datasheet(PDF) 2 Page - Rohm

Part # DTA144WUA
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144WUA Datasheet(HTML) 2 Page - Rohm

  DTA144WUA Datasheet HTML 1Page - Rohm DTA144WUA Datasheet HTML 2Page - Rohm DTA144WUA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Data Sheet
DTA144WE / DTA144WUA / DTA144WKA
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
Pd
Tj
Tstg
Limits
−50
−40 to +10
−30
−100
150
200
DTA144WE
DTA144WUA / DTA144WKA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
VCC
VI
IO
IC(Max.)
Electrical characteristics (Ta=25
C)
VCC
=−5V, IO=−100μA
VO
=−0.3V, IO=−2mA
IO
=−10mA, II=−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
IO
=−5mA, VO=5V
VCE
=−10V, IE= 5mA, f=100MHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
56
32.9
−0.1
250
47
−0.8
−0.3
−0.16
−0.5
61.1
V
V
mA
μA
MHz
k
Ω
VI(on)
−4
−−
R2/R1
0.37
0.47
0.57
−−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Characteristics of built-in transistor
Electrical characteristics curves
−−
100
50
20
10
5
2
1
500m
200m
100m
100
μ
1m
10m
100m
VO
= 0.3V
Fig.1 Input voltage vs. Output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
10m
5m
2m
1m
500
μ
200
μ
100
μ
50
μ
20
μ
10
μ
5
μ
2
μ
1
μ
0.5
1
1.5
2
2.5
3
3.5
VCC
= 5V
Fig.2 Output current vs. Input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off) (V)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
−−
−−
1k
500
200
100
50
20
10
5
2
1
100
μ
1m
10m
100m
VO
= 5V
Fig.3 DC current gain vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
−−
−−
-500m
-1
-200m
-100m
-50m
-20m
-10m
-5m
-2m
-1m
-100
μ
-1m
-10m
-100m
IO/II
=20
Fig.4 Output voltage vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= - 40°C


Similar Part No. - DTA144WUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144WUA ROHM-DTA144WUA Datasheet
67Kb / 3P
   Digital transistors (built-in resistors)
DTA144WUA ROHM-DTA144WUA Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA144WUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com