Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144VKA Datasheet(PDF) 1 Page - Rohm

Part # DTA144VKA
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144VKA Datasheet(HTML) 1 Page - Rohm

  DTA144VKA Datasheet HTML 1Page - Rohm DTA144VKA Datasheet HTML 2Page - Rohm DTA144VKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Abbreviated symbol : E56
Each lead has same dimensions
ROHM : SMT3
DTA144VKA
EIAJ : SC-59
(2) IN
(3) OUT
(1) GND
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
OUT
GND(
)
IN
OUT
IN
GND(
)
R1
R2
R1=47k
, R2=10k
-100mA / -50V Digital transistors
(with built-in resistors)
DTA144VKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.
2)The bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input, and parasitic
effects are almost completely eliminated.
3)Only the on / off conditions need to be set for operation,
making the device design easy.
4)Higher mounting densities can be achieved.
Structure
Inner circuit
PNP epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
SMT3
DTA144VKA
Part No.
T146
3000
Package
Packaging type
Taping
Code
Basic ordering
unit (pieces)
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCC
VI
IO
IC(Max.)
Pd
Tj
Tstg
Limits
−50
−40 to +15
−30
−100
200
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature


Similar Part No. - DTA144VKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144VKA ROHM-DTA144VKA Datasheet
57Kb / 1P
   Digital transistor (built-in resistors)
DTA144VKA ROHM-DTA144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTA144VKA ROHM-DTA144VKA Datasheet
806Kb / 6P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA144VKA ROHM-DTA144VKA Datasheet
806Kb / 6P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA144VKAT146 ROHM-DTA144VKAT146 Datasheet
806Kb / 6P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA144VKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com