Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZKA Datasheet(PDF) 2 Page - Rohm

Part # DTA143ZKA
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143ZKA Datasheet(HTML) 2 Page - Rohm

  DTA143ZKA Datasheet HTML 1Page - Rohm DTA143ZKA Datasheet HTML 2Page - Rohm DTA143ZKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Data Sheet
DTA143ZM / DTA143ZE / DTA143ZUA / DTA143ZKA
Absolute maximum ratings (Ta=25
C)
Limits
Parameter
Symbol
VCC
150
200
−50
−30 to +5
−100
−100
150
−55 to +150
DTA143ZE
DTA143ZM
DTA143ZUA DTA143ZKA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
PD
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−1.3
3.29
80
8
−0.1
4.7
10
250
−0.5
−0.3
−1.8
−0.5
6.11
12
V
VCC
=−5V, IO=−100μA
VO
=−0.3V, IO=−5mA
IO/II
=−5mA/−0.25mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−10mA
VCE
=−10V, IE=5mA, f=100MHz
V
mA
μA
k
Ω
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
−200m
−100m
−100μ−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
VO
=−0.3V
−100
−50
−20
−10
−5
−2
−1
−500m
25
°C
100
°C
Ta
=−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC
=−5V
0
−3.0
−10m
−1μ
−2m
−5m
−1m
−200μ
−500μ
−100μ
−20μ
−50μ
−10μ
−2μ
−5μ
−0.5
−1.0
−1.5
−2.0
−2.5
INPUT VOLTAGE : VI(off)
(V)
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO
=−5V
−100μ−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
lO/lI
=20
−100μ−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - DTA143ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZKA ROHM-DTA143ZKA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
Shenzhen Luguang Electr...
DTA143ZKA LUGUANG-DTA143ZKA Datasheet
717Kb / 2P
   Digital Transistor (PNP)
logo
Jiangsu Changjiang Elec...
DTA143ZKA JIANGSU-DTA143ZKA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143ZKA ROHM-DTA143ZKA Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZKA SECOS-DTA143ZKA Datasheet
206Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA143ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com