Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT800GK14PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STT800GK14PT
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT800GK14PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STT800GK14PT Datasheet HTML 1Page - Sirectifier Semiconductors STT800GK14PT Datasheet HTML 2Page - Sirectifier Semiconductors STT800GK14PT Datasheet HTML 3Page - Sirectifier Semiconductors STT800GK14PT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT800GKXXPT
Thyristor-Thyristor Modules
Type
STT800GK08PT
STT800GK12PT
STT800GK14PT
STT800GK16PT
STT800GK18PT
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
TC=85oC; 180
C; 180
o half sine wave,50HZ
180o half sine wave,50HZ single pulse;
Gate pulse;20V,5W
1us rise time,500us
TC
C
=85o
C
o Full cycle sine wave,50HZ
800
1256
A
A
T =25o
VR=0;
TVJ=TVJM
C
C
T =25o
TVJ=TVJM
30.0
35.0
4500
6125
A
ITSM
VDRM,
VRRM
VDSM,
VRSM
I
TVJ=TVJM
1000/1800
1100/1900
A2s
2t
(di/dt)cr
100
200
A/us
(dv/dt)cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
TVJ=TVJM
TVJ=TVJM
40
W
PGAV
6
W
ITAV
ITRMS
oC
TVJ
TVJM
Tstg
-40...+140
140
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M6)
Terminal connection torque (M8)
_
4.5-7/40-60
11-13/97-115
Nm/lb.in.
Weight
3249
g
TVJ=TVJM
repetitive, IT=960A
f=50Hz, tp=200us
VD=2/3VDRM
IG=1A
non repetitive, IT=ITAVM
diG/dt=1A/us
VRGM
5
V
TVJ=TVJM
180o half sine wave,50HZ ;Gate open
180o half sine wave,50HZ ;single pulse,Gate open
Typ.
Colerance:+0.5mm
-
P1 ©2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT800GK14PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STT800N16P55 INFINEON-STT800N16P55 Datasheet
601Kb / 9P
   Pressure contact technology for high reliability
2017-10-09 Revision: 3.1
STT800N18P55 INFINEON-STT800N18P55 Datasheet
905Kb / 9P
   Soft starter Module
2020-04-01 Revision: 3.1
More results

Similar Description - STT800GK14PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com