Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143EKA Datasheet(PDF) 1 Page - Rohm

Part # DTA143EKA
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143EKA Datasheet(HTML) 1 Page - Rohm

  DTA143EKA Datasheet HTML 1Page - Rohm DTA143EKA Datasheet HTML 2Page - Rohm DTA143EKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
R1
R2
IN
GND(
+)
OUT
IN
R1=R2=4.7k
Ω
GND(
+)
OUT
-100mA / -50V Digital transistors
(with built-in resistors)
DTA143EM / DTA143EE / DTA143EUA / DTA143EKA
Applications
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
(see equivalent circuit).
2)The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely eliminating parasitic effects.
3)Only the on/off conditions need to be set for operation, making the device design easy.
Structure
PNP epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
Abbreviated symbol : 13
Abbreviated symbol : 13
Abbreviated symbol : 13
Abbreviated symbol : 13
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
DTA143EM
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTA143EE
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTA143EKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTA143EUA
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Packaging specifications
Inner circuit
TL
UMT3
EMT3
SMT3
DTA143EE
DTA143EM
Part No.
DTA143EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTA143EKA
Package
Packaging type
Taping
Taping
Taping Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTA143EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EKA ROHM-DTA143EKA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
DTA143EKA ROHM-DTA143EKA Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20180202 - Rev.003
logo
Leshan Radio Company
DTA143EKA LRC-DTA143EKA Datasheet
89Kb / 3P
   Digital transistors(built-in resistors)
logo
E-Tech Electronics LTD
DTA143EKA ETL-DTA143EKA Datasheet
111Kb / 3P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTA143EKA RECTRON-DTA143EKA Datasheet
303Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA143EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com