Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU3072HFV-TR Datasheet(PDF) 1 Page - Rohm

Part # BU3072HFV-TR
Description  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU3072HFV-TR Datasheet(HTML) 1 Page - Rohm

  BU3072HFV-TR Datasheet HTML 1Page - Rohm BU3072HFV-TR Datasheet HTML 2Page - Rohm BU3072HFV-TR Datasheet HTML 3Page - Rohm BU3072HFV-TR Datasheet HTML 4Page - Rohm BU3072HFV-TR Datasheet HTML 5Page - Rohm BU3072HFV-TR Datasheet HTML 6Page - Rohm BU3072HFV-TR Datasheet HTML 7Page - Rohm BU3072HFV-TR Datasheet HTML 8Page - Rohm BU3072HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TECHNICAL NOTE
High-performance Clock Generator Series
Compact 1ch
Clock Generators
for Digital Cameras
BU3071HFV, BU3072HFV, BU3073HFV, BU3076HFV
BU7322HFV, BU7325HFV
Description
These Clock Generators incorporates compact package compared to oscillators, which provides the generation of
high-frequency CCD, USB, VIDEO clocks necessary for digital still cameras and digital video cameras.
Features
1) SEL pin allowing for the selection of frequencies
2) Selection of OE pin enabling Power-down function
3) Crystal-oscillator-level clock precision with high C/N characteristics and low jitter
4) Microminiature HVSOF6 Package incorporated
5) Single power supply of 3.3 V
Applications
Digital Still Camera, Digital Video Camera, and others
Lineup
BU3071HFV
BU3072HFV
BU3073HFV
BU3076HFV
BU7322HFV
BU7325HFV
Supply voltage
3.0 V~3.6V
3.0 V~3.6V
3.0 V~3.6V
2.85 V~3.6V
2.85 V~3.6V
2.85 V~3.6V
Operating temperature range
-5℃~70℃
-5℃~70℃
-5℃~70℃
-5℃~75℃
-5℃~75℃
-30℃~85℃
Reference input clock
28.6363MHz
48.0000MHz
48.0000MHz
27.0000MHz
27.0000MHz
27.0000MHz
Output clock
54.0000MHz
27.0000MHz
24.3750MHz
54.0000MHz
49.5000MHz
48.0000MHz
-
36.0000MHz
24.5454MHz
67.5000MHz
36.0000MHz
78.0000MHz
Power-down function
Provided
Provided
Provided
Provided
Provided
Provided
Operating current (TYP)
10mA
11mA
11mA
12mA
10mA
12mA
Package
HVSOF6
HVSOF6
HVSOF6
HVSOF6
HVSOF6
HVSOF6
Absolute Maximum Ratings(Ta=25℃)
Symbol
Limit
Unit
Supply voltage
VDD
-0.3~4.0
V
Input voltage
VIN
-0.3~VDD+0.3
V
Storage temperature range
Tstg
-30~125
Power dissipation
Pd
410
mW
*1 Operating is not guaranteed.
*2 In the case of exceeding Ta = 25℃, 4.1mW should be reduced per 1℃.
*3 The radiation-resistance design is not carried out.
*4 Power dissipation is measured when the IC is mounted to the printed circuit board.
Sep. 2008


Similar Part No. - BU3072HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
More results

Similar Description - BU3072HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com