Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2508FV Datasheet(PDF) 4 Page - Rohm

Part # BU2508FV
Description  High-precision 10bit 4ch-E6ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2508FV Datasheet(HTML) 4 Page - Rohm

  BU2508FV_09 Datasheet HTML 1Page - Rohm BU2508FV_09 Datasheet HTML 2Page - Rohm BU2508FV_09 Datasheet HTML 3Page - Rohm BU2508FV_09 Datasheet HTML 4Page - Rohm BU2508FV_09 Datasheet HTML 5Page - Rohm BU2508FV_09 Datasheet HTML 6Page - Rohm BU2508FV_09 Datasheet HTML 7Page - Rohm BU2508FV_09 Datasheet HTML 8Page - Rohm BU2508FV_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BU2508FV,BU2507FV
Technical Note
4/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
Terminal Description
No
Terminal
name
Analog /
Digital
I/O
Description of terminal
Equivalent
circuit
1
VSS
Analog
-
DA converter lower standard voltage (VrefL) input terminal
6
2
AO2
Analog
O
10bit D/A output (CH2)
4
3
AO3(TEST1)
Analog
O
10bit D/A output (CH3) (BU2508FV : test terminal)
4
4
Reset
Digital
I
All ch analog output L fixed
2
5
AO4(TEST2)
Digital
I
10bit D/A output (CH4) (BU2508FV : test terminal)
4
6
AO5 (AO3)
Analog
O
10bit D/A output (CH5) (BU2508FV : 10bit D/A output (CH3))
4
7
VDD
Analog
-
DA converter upper standard voltage (VrefH) input terminal
5
8
VCC
-
-
Power source terminal
-
9
AO6 (AO4)
Analog
O
10bit D/A output (CH6) (BU2508FV : 10bit D/A output (CH4))
4
10
LD
Digital
I
When High level is input to LD terminal, the value of 14bit shift
register is loaded to decoder and D/A output register.
1
11
CLK
Digital
I
Shift clock input terminal. At rise of shift clock, the signal from DI
terminal is input to 14bit shift register.
1
12
DI
Digital
I
Serial data input terminal. Serial data whose data length is 14bit
(address 4bit + data 10bit) is input.
1
13
AO1
Analog
O
10bit D/A output (CH1)
4
14
GND
-
-
GND terminal
-
*In the case of BU2508FV, be sure to open TEST1 and TEST2 terminals.


Similar Part No. - BU2508FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
More results

Similar Description - BU2508FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
logo
Asahi Kasei Microsystem...
AK5483 AKM-AK5483 Datasheet
93Kb / 14P
   10Bit 20MHz 3CH A/D Converter
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com