Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2285FV Datasheet(PDF) 6 Page - Rohm

Part # BU2285FV
Description  DVD-Audio Reference Clock Generator for Audio/Video Appliance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2285FV Datasheet(HTML) 6 Page - Rohm

Back Button BU2285FV Datasheet HTML 2Page - Rohm BU2285FV Datasheet HTML 3Page - Rohm BU2285FV Datasheet HTML 4Page - Rohm BU2285FV Datasheet HTML 5Page - Rohm BU2285FV Datasheet HTML 6Page - Rohm BU2285FV Datasheet HTML 7Page - Rohm BU2285FV Datasheet HTML 8Page - Rohm BU2285FV Datasheet HTML 9Page - Rohm BU2285FV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
Reference data (BU2285FV Temperature and Supply voltage variations data)
Fig.30 13.5MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.29 13.5MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
Fig.28 13.5MHz
Temperature
Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
Fig.27 27MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.26 27MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
Fig.22 54MHz
Temperature
Duty
Fig.31 33.9MHz
Temperature
Duty
Fig.32 33.9MHz
Temperature-Period-Jitter 1σ
Fig.33 33.9MHz
Temperature-Period-Jitter MIN-MAX
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.23 54MHz
Temperature-Period-Jitter 1σ
Fig.24 54MHz
Temperature-Period-Jitter MIN-MAX
Fig.25 27MHz
Temperature
Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V


Similar Part No. - BU2285FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
   Clock generator IC
More results

Similar Description - BU2285FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com