Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2098F-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU2098F-E2
Description  Serial / Parallel 2-input Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2098F-E2 Datasheet(HTML) 2 Page - Rohm

  BU2098F-E2 Datasheet HTML 1Page - Rohm BU2098F-E2 Datasheet HTML 2Page - Rohm BU2098F-E2 Datasheet HTML 3Page - Rohm BU2098F-E2 Datasheet HTML 4Page - Rohm BU2098F-E2 Datasheet HTML 5Page - Rohm BU2098F-E2 Datasheet HTML 6Page - Rohm BU2098F-E2 Datasheet HTML 7Page - Rohm BU2098F-E2 Datasheet HTML 8Page - Rohm BU2098F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BU2098F, BU2090F, BU2090FS
Technical Note
2/12
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BU2098F (unless otherwise noted, VDD=5V, Vss=0V, Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input High-level voltage
VIH
0.7×VDD
-
-
V
Input Low-level voltage
VIL
-
-
0.3×VDD
V
Output Low-level voltage
VOL
-
-
0.4
V
IOUT=10mA
Input Low-level current
IIL
-
2.0
μA
VIN=0
Input High-level current
IIH
-
-
-2.0
μA
VIN=VDD
Output leakage current
IOZ
-
-
±5.0
μA
Output=High impedance
VOUT=VDD
Static dissipation current
IDD
-
-
2.0
μA
BU2090F/BU2090FS (unless otherwise noted, VDD=5V/3V, VSS=0V, Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input High-level voltage
VIH
3.5/2.5
*
-
-
V
Input Low-level voltage
VIL
-
-
1.5/0.4
*
V
Output Low-level voltage
VOL
-
-
2.0/1.0
*
V
IOL=20mA
“H” output disable current
IOZH
-
-
10
μA
VO=25V
“L” output disable current
IOZL
-
-5.0
μA
VO=0V
Static dissipation current
IDD
-
-
5.0/3.0
*
μA
(*the value at 5V /3V)
Operating conditions (Ta=25℃, VSS=0V)
Parameter
Symbol
Limits
Unit
BU2098F
BU2090F/BU2090FS
Power Supply Voltage
VDD
+2.7 to 5.5
V
Output Voltage
Vo
0 to +15
0 to +25
V
Absolute maximum ratings
BU2098F, BU2090F,BU2090FS
Parameter
Symbol
Limits
Unit
BU2098F
BU2090F
BU2090FS
Power supply voltage
VDD
-0.5 to +7.0
-0.3 to +7.0V
V
Power dissipation1
Pd1
300 *
1
300 *
1
500 *
2
mW
Power dissipation2
Pd2
-
500 *
3
650 *
4
Operating temperature range
Topr
-40 to +85
Storage temperature range
Tstg
-55 to +125
Output voltage
Vo
VSS to +18.0
VSS-0.3 to +25V
V
Input voltage
VIN
-0.5 to VDD+0.5
VSS-0.3 to VDD+0.3V
V
Allowable loss of single unit
* Reduced by 3mW/℃ over 25℃. (BU2098F)
*
1 Reduced by 3mW/℃ over 25℃.
*
2 Reduced by 5mW/℃ over 25℃.
*
3 Reduced by 5.0mW for each increase in Ta of 1℃ over 25℃.(When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB)
*
4 Reduced by 6.5mW for each increase in Ta of 1℃ over 25℃.(When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB)


Similar Part No. - BU2098F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2098F-E2 ROHM-BU2098F-E2 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
More results

Similar Description - BU2098F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com