Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1570KN Datasheet(PDF) 1 Page - Rohm

Part # BU1570KN
Description  AIE: Adaptive Image Enhancer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1570KN Datasheet(HTML) 1 Page - Rohm

  BU1570KN_09 Datasheet HTML 1Page - Rohm BU1570KN_09 Datasheet HTML 2Page - Rohm BU1570KN_09 Datasheet HTML 3Page - Rohm BU1570KN_09 Datasheet HTML 4Page - Rohm BU1570KN_09 Datasheet HTML 5Page - Rohm BU1570KN_09 Datasheet HTML 6Page - Rohm BU1570KN_09 Datasheet HTML 7Page - Rohm BU1570KN_09 Datasheet HTML 8Page - Rohm BU1570KN_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
AIE Adaptive Image Enhancer Series
AIE:
Adaptive Image Enhancer
(Image processing technology based on ROHM hardware)
BU1570KN, BU1571KN
Description
BU1570KN/BU1571KN is AIE : Adaptive Image Enhancer (image processing technology by ROHM’s hardware).
Provides unprecedented visibility under severe conditions, such as darkness or extreme backlighting.
Features
1) UXGA size (1600
1200) for input of image data up to 7.5 fps, SXGA size (12801024) for input of image data up to
15 fps and VGA size (640
480) for input of image data up to 30 fps.
2) Input data format for YUV=4:2:2 8bit. Order of components may be adjusted by the register.
3) Operation modes are image enhance mode, through mode, and sleep mode.
4) Strength of image correction can be set to linear.
5) Able to read out brightness for the entire area for motion detection *1
6) Register can be set up with a 2-line serial interface.
Extra document is prepared separately about each register setup. Please refer to the Development Scheme on page 6.
*1 : BU1570KN Only
Application
Security camera, Intercom with camera, Drive recorder, and Web camera etc.
Lineup
Parameter
Supply power
source voltage
Camera
Interface
Control
Interface
Output
Interface
Interrupt
output
Package
BU1570KN
1.45-1.55(VDDCore)
2.7-3.6(VDDIo)
Supported up to
Max 2M pixels.
(1600×1200)
I
2C BUS
8bit
YUV=4:2:2
Camera interface
motion
detection
Interrupt
output
VQFN36
BU1571KN
1.45-1.55(VDDCore)
2.7-3.6(VDDIo)
Supported up to
Max 2M pixels.
(1600×1200)
I
2C BUS
8bit
YUV=4:2:2
Camera interface
-
VQFN36
Absolute maximum ratings (Ta=25℃)
Recommended operating range
In the case exceeding 25ºC, 4.5mW should be reduced
at the rating 1ºC.
Parameter
Symbol
Rating
Unit
Parameter
Symbol
Rating
Unit
Supply power
source voltage 1
VDDIO
-0.3~+4.2
V
Supply power source
voltage 1(IO)
VDDIO
2.70~3.60(Typ:3.3V)
V
Supply power
source voltage 2
VDD
-0.3~+2.1
V
Supply power source
voltage 2(CORE)
VDD
1.45~1.55(Typ:1.50V)
V
Input voltage
VIN
-0.3~VDDIO+0.3
V
Input voltage range
VIN-VDDIO
0~VDDIO
V
Storage
temperature range
Tstg
-40~+125
Operating
temperature range
Topr
-40~+85
Power dissipation
PD
450
mW
Please supply power source in order of VDD→VDDIO.
No.09060EBT01


Similar Part No. - BU1570KN_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
More results

Similar Description - BU1570KN_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
logo
National Semiconductor ...
LM1270 NSC-LM1270 Datasheet
1Mb / 27P
   Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Digital View Ltd
IE-1000 DIGITALVIEW-IE-1000 Datasheet
2Mb / 2P
   The Digital View IE-1000 image enhancer board, improves 10 bit 120Hz display.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
Weidmuller
9204550000 WEIDMULLER-9204550000 Datasheet
137Kb / 2P
   AIE M-SPX 0.25-1.5 S
September 28, 2021
logo
Intersil Corporation
QHX220 INTERSIL-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com