Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76906GU Datasheet(PDF) 12 Page - Rohm

Part # BH76906GU
Description  Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76906GU Datasheet(HTML) 12 Page - Rohm

Back Button BH76906GU_09 Datasheet HTML 8Page - Rohm BH76906GU_09 Datasheet HTML 9Page - Rohm BH76906GU_09 Datasheet HTML 10Page - Rohm BH76906GU_09 Datasheet HTML 11Page - Rohm BH76906GU_09 Datasheet HTML 12Page - Rohm BH76906GU_09 Datasheet HTML 13Page - Rohm BH76906GU_09 Datasheet HTML 14Page - Rohm BH76906GU_09 Datasheet HTML 15Page - Rohm BH76906GU_09 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Technical Note
12/16
BH76906GU, BH76909GU, BH76912GU, BH76916GU, BH76706GU
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
3
4
5
6
7
22.5
3
3.5
4
-50
-45
-40
-35
22.5
33.5
4
Fig. 38 DC I/O Characteristic
-3
-2
-1
0
1
2
3
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
INPUT DC VOLTAGE [V]
VCC=3V
Ta=25℃
6dB
9dB
12dB
16.5dB
POWER SUPPLY VOLTAGE [V]
Ta=25℃
-5
-4
-3
-2
-1
22.5
33.5
4
Ta=25℃
BH76906GU
f=8MHz/100kHz
-35
-30
-25
-20
-80
-40
0
40
80
120
TEMPERATURE [℃]
VCC=3V
BH76906GU
f=18MHz/100kHz
-5
-4
-3
-2
-1
-80
-40
0
40
80
120
TEMPERATURE [℃]
VCC=3V
BH76906GU
f=8MHz/100kHz
Ta=25℃
-0.4
-0.2
0
0.2
0.4
22.5
33.5
4
BH76906GU
POWER SUPPLY VOLTAGE
[V]
Ta=25℃
BH76906GU
f=18MHz/100kHz
-35
-30
-25
-20
22.5
33.5
4
f=18MHz/100kHz
POWER SUPPLY VOLTAGE [V]
BH76906GU
f=23.5MHz/100k
Hz
POWER SUPPLY VOLTAGE [V]
-50
-45
-40
-35
-80
-40
0
40
80
120
VCC=3V
BH76906GU
TEMPERATURE [℃]
f=23.5MHz/100k
Hz
5
5.2
5.4
5.6
5.8
6
-80
-40
0
40
80
120
BH76906GU
BH76906GU
TEMPARATURE [℃]
POWER SUPPLY VOLTAGE [V]
f=4.5MHz/100kHz
Ta=25℃
VCC=3V
-0.4
-0.2
0
0.2
0.4
-80
-40
0
40
80
120
BH76906GU
TEMPARATURE [℃]
VCC=3V
f=4.5MHz/100kHz
Fig.32 Frequency Characteristic 3
vs Supply Voltage
Fig. 29 Frequency Characteristic 1
vs Ambient Temperature
Fig. 30 Frequency Characteristic 2
vs Supply Voltage
Fig. 31 Frequency Characteristic 2
vs Ambient Temperature
Fig. 28 Frequency Characteristic 1
vs Supply Voltage
Fig. 34 Frequency Characteristic4
vs Supply Voltage
Fig. 35 Frequency Characteristic 4
vs Ambient Temperature
Fig. 37 Max. Output Level vs Ambient Temperature


Similar Part No. - BH76906GU_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
More results

Similar Description - BH76906GU_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_09 Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com