Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6859ATZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SG6859ATZ
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6859ATZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SG6859ATZ Datasheet HTML 1Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 2Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 3Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 4Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 5Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 6Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 7Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 8Page - Fairchild Semiconductor SG6859ATZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6859A • Rev. 1.0.3
4
Pin Configurations
Figure 4. SSOT-6 Pin Configuration
Figure 5. DIP-8 Pin Configuration
Pin Definitions
DIP
Pin #
SSOT
Pin #
Name
Description
1
6
GATE
The totem-pole output driver for driving the power MOSFET.
2
5
VDD
Power supply
3
NC
No connection
4
4
SENSE
Current sense. This pin senses the voltage across a resistor. When the voltage
reaches the internal threshold, PWM output is disabled. This activates over-current
protection. This pin also provides current amplitude information for current-mode
control.
5
3
RI
A resistor connected from the RI pin to ground generates a constant current source
used to charge an internal capacitor and determine the switching frequency.
Increasing the resistance reduces the amplitude of the current source and the
switching frequency. A 95kΩ resistor RI results in a 50μA constant current II and a
70kHz switching frequency.
6
NC
No connection
7
2
FB
Feedback. The FB pin provides the output voltage regulation signal. It provides
feedback to the internal PWM comparator, so that the PWM comparator can control
the duty cycle.
8
1
GND
Ground


Similar Part No. - SG6859ATZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6859ATZ FAIRCHILD-SG6859ATZ Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6859ATZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com