Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431SAI Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LM431SAI
Description  Programmable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SAI Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LM431SAI Datasheet HTML 1Page - Fairchild Semiconductor LM431SAI Datasheet HTML 2Page - Fairchild Semiconductor LM431SAI Datasheet HTML 3Page - Fairchild Semiconductor LM431SAI Datasheet HTML 4Page - Fairchild Semiconductor LM431SAI Datasheet HTML 5Page - Fairchild Semiconductor LM431SAI Datasheet HTML 6Page - Fairchild Semiconductor LM431SAI Datasheet HTML 7Page - Fairchild Semiconductor LM431SAI Datasheet HTML 8Page - Fairchild Semiconductor LM431SAI Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM431SAI
5
Typical Performance Characteristics
-2
-1
0
1
2
3
-100
-50
0
50
100
150
V
KA = VREF
T
A = 25
oC
V
KA, Cathode
Voltage (V)
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
T
A = 25
oC
I
KA = 10mA
Frequency (Hz)
-1
0123
-200
0
200
400
600
800
I
KA(MIN)
V
KA = VREF
T
A = 25
o
C
V
KA, CATHODE
VOLTAGE (V)
0
4
8
12
16
20
0
1
2
3
4
5
6
T
A=25
oC
OUTPUT
INPUT
Time (us)
Figure 4. Cathode Current vs. Cathode Voltage
Figure 5. Cathode Current vs. Cathode Voltage
Figure 6. Reference Input Voltage vs.
Ambient Temperature
Figure7. Reference Input Current vs.
Ambient Temperature
Figure 8. Small Signal Voltage Amplification vs. Frequency
Figure 9. Pulse Response


Similar Part No. - LM431SAI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM431SAIMFX ONSEMI-LM431SAIMFX Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

Similar Description - LM431SAI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com