Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0701 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL0701
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0701 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL0701 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0701 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
4
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Switching Characteristics (VCC = 5V)
*All typicals at TA = 25°C
Notes:
1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF,
times 100%.
2. Pin 7 open. Use of a resistor between pins 5 and 7 will decrease gain and delay time.
3. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVCM/dt on the
leading edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic high state
(i.e., VO > 2.0V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVCM/dt
on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state
(i.e., VO<0.8 V).
4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
5. 2500 VAC RMS for 1 minute duration is equivalent to 3000 VAC RMS for 1 second duration.
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
TPHL
Propagation Delay
Time to Logic Low
(Note 2) (Fig. 14)
RL = 4.7kΩ, IF = 0.5mA
HCPL0701
30
µs
HCPL0731
120
TA = 25°C
HCPL0701
3
25
HCPL0731
5
100
RL = 270 Ω, IF = 12mA
HCPL0701
2
HCPL0731
3
TA = 25°C
HCPL0701
0.3
1
HCPL0731
0.4
2
RL = 2.2 kΩ, IF = 1.6mA
HCPL0700
15
HCPL0730/0731
25
TA = 25°C
HCPL0700
1
10
HCPL0730/0731
2
20
TPLH
Propagation Delay
Time to Logic High
(Note 2) (Fig. 14)
RL = 4.7 kΩ, IF = 0.5mA
HCPL0701/31
90
µs
TA = 25°C
HCPL0701/31
12
60
RL = 270 Ω, IF = 12mA
HCPL0701
10
HCPL0731
15
TA = 25°C
HCPL0701
1.6
7
HCPL0731
1.6
10
RL = 2.2 kΩ, IF = 1.6mA
HCPL0700/30/31
50
TA = 25°C
HCPL0700/30/31
7
35
|CMH|
Common Mode
Transient
Immunity at
Logic High
IF = 0mA, |VCM| = 10 VP-P,
TA = 25°C, RL = 2.2kΩ
(Note 3) (Fig. 15)
ALL
1,000
10,000
V/µs
|CML|
Common Mode
Transient
Immunity at
Logic Low
IF = 1.6mA, |VCM| = 10 VP-P,
TA = 25°C, RL = 2.2 kΩ
(Note 3) (Fig. 15)
ALL
1,000
10,000
V/µs


Similar Part No. - HCPL0701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
More results

Similar Description - HCPL0701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com