Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0232A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0232A
Description  SAW Resonator 433.92 MHz F11
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0232A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0232A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0232A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0232A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.92 MHz
MODEL NO.: TC0232A
REV. NO.:2
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
433.820
433.920
434.020
Insertion Loss IL
dB
-
1.3
2
Ageing of fc
ppm/yr
-
-
±
10
Motional capacitance C1
fF
-
4.2
-
Motional inductance L1
μ
H
-
32
-
Motional resistance R1
Ohm
-
14
-
Parallel capacitance Co
pF
-
3.9
-
Frequency Temperature coefficient (TCf) ppm/c*2
-
0.032
-
Turnover To
deg.C
10
25
40
Package size
F11
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
D.OUTLINE DRAWING:


Similar Part No. - TC0232A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
   SAW Resonator 315.15 MHz TO-39
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0234A GOLLEDGE-TC0234A Datasheet
78Kb / 4P
   SAW Resonator 915.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0236A TAI-SAW-TC0236A Datasheet
342Kb / 5P
   SAW Resonator 669.4169 MHz SMD 3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0236A GOLLEDGE-TC0236A Datasheet
96Kb / 4P
   SAW Resonator 669.4169MHz
More results

Similar Description - TC0232A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com