Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0165A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0165A
Description  SAW Resonator 390.000 MHz F11
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0165A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0165A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0165A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0165A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 390.000 MHz F11
TST Parts No.: TC0165A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Vincent Liu
Approval by:
Francis Chen
Date:
2003/6/18


Similar Part No. - TC0165A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0160A TAI-SAW-TC0160A Datasheet
387Kb / 5P
   SAW Resonator 312 MHz
TC0163A TAI-SAW-TC0163A Datasheet
322Kb / 4P
   SAW Resonator 868.35 MHz SMD 3.8X3.8 mm
TC0164A TAI-SAW-TC0164A Datasheet
338Kb / 4P
   TO39 390MHz One-Port Saw Resonator
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
Golledge Electronics Lt...
TC0166A GOLLEDGE-TC0166A Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
More results

Similar Description - TC0165A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0232A TAI-SAW-TC0232A Datasheet
209Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
TA466E1 TAI-SAW-TA466E1 Datasheet
197Kb / 4P
   SAW Filter 466MHz F11
TA0396A TAI-SAW-TA0396A Datasheet
429Kb / 4P
   SAW Filter 413.9MHz F11
TA450E1 TAI-SAW-TA450E1 Datasheet
208Kb / 4P
   SAW Filter 450MHz F11
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com