Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40C1500 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # B40C1500
Description  1.5A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B40C1500 Datasheet(HTML) 2 Page - Won-Top Electronics

  B40C1500 Datasheet HTML 1Page - Won-Top Electronics B40C1500 Datasheet HTML 2Page - Won-Top Electronics B40C1500 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
Single phase half-sine-wave
60Hz resistive or inductive load
B40C1500 – B500C1500
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - B40C1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B40C1500 ETC-B40C1500 Datasheet
1Mb / 2P
   B40C1500 THRU B500C1500
logo
Won-Top Electronics
B40C1500 WTE-B40C1500 Datasheet
50Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
B40C1500G GE-B40C1500G Datasheet
146Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B40C1500G VISHAY-B40C1500G Datasheet
100Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
B40C1500G VISHAY-B40C1500G Datasheet
84Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
More results

Similar Description - B40C1500

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RB151 ZSELEC-RB151 Datasheet
163Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
W005M WTE-W005M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
RB150 WTE-RB150 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP151G ZSELEC-KBP151G Datasheet
338Kb / 2P
   1.5A BRIDGE RECTIFIER
FBP005 ZSELEC-FBP005 Datasheet
84Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP150 WTE-KBP150 Datasheet
35Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
TAITRON Components Inco...
RB151 TAITRON-RB151 Datasheet
214Kb / 5P
   1.5A Bridge Rectifier
logo
NTE Electronics
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com