Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TB0807A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TB0807A
Description  IF SAW Filter 33.9 & 38.9 MHz for Video Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TB0807A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL : 886-3-4690038
FAX : 886-3-4697532
E-mail : tstsales@ms52.hinet.net Web: www.taisaw.com
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
MODEL NO.: TB0807A
REV. NO.:1
A. FEATURES:
1.IF Filter for Video Applications
B. MAXIMUM RATING:
Operating Temperature Range
TA
-25~65
Storage Temperature Range
Tstg
-40~85
DC voltage
VDC
12
V
Between any terminals
AC voltage
VPP
10
V
Between any terminals
C. ELECTRICAL CHARACTERISTICS:
Reference temperature:
Ta=25℃
Terminating source impedance ZS=50Ω
Terminating load impedance
ZL=2kΩ//3 pF
FREQUENCY(MHz)
VALUE
unit
Min
Typ.
Max.
Insertion attenuation
37.40 MHz
-
15.5
17.5
dB
Reference Frequency
37.40 MHz
-
0
-
-
Picture carrier
38.90 MHz
3.5
5.0
6.5
dB
33.90MHz
5.5
8.0
10.5
dB
Color carrier
34.47 MHz
0.0
1.5
3.0
dB
Sound carrier
32.40 MHz
40.0
50.0
-
dB
32.90 MHz
38.0
48.0
-
dB
Adjacent picture carrier
30.90 MHz
42.0
52.0
-
dB
31.90 MHz
42.0
52.0
-
dB
Adjacent sound carrier
40.40 MHz
42.0
50.0
-
dB
40.90 MHz
40.0
48.0
-
dB
Lower sidelobe:
25.00-31.90 MHz
38.0
45.0
-
dB
Upper sidelobe:
40.40-45.00 MHz
37.0
42.0
-
dB
Reflected wave signal suppression
42.0
50.0
-
dB
Feedthrough signal suppression
50.0
56.0
-
dB
Group delay ripple (p-p)
-
50
-
ns
Temperature coefficient
TC
-
-72
-
ppm/K
RoHS Compliant
Lead free
Lead-free soldering


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn