Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TB0807A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TB0807A
Description  IF SAW Filter 33.9 & 38.9 MHz for Video Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TB0807A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E. Outline Drawing:
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
8 0 7
T ∆ □
Pin No. Functions
1.
Input
2.
Input - ground
3.
Chip carrier - ground
4.
Output
5.
Output
: Week Code (Follow the table from planner each year)
: Product / Year Code


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn