Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7081M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7081M
Description  High Side Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7081M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7081M Datasheet HTML 1Page - Fairchild Semiconductor FAN7081M Datasheet HTML 2Page - Fairchild Semiconductor FAN7081M Datasheet HTML 3Page - Fairchild Semiconductor FAN7081M Datasheet HTML 4Page - Fairchild Semiconductor FAN7081M Datasheet HTML 5Page - Fairchild Semiconductor FAN7081M Datasheet HTML 6Page - Fairchild Semiconductor FAN7081M Datasheet HTML 7Page - Fairchild Semiconductor FAN7081M Datasheet HTML 8Page - Fairchild Semiconductor FAN7081M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2009 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
November 2009
FAN7081_GF085 Rev. 1.0.0
FAN7081_GF085
High Side Gate Driver
Features
• Qualified to AEC Q100
• Floating channel designed for bootstrap operation up fully
operational to + 600V
• Tolerance to negative transient voltage on VS pin
• dV/dt immune.
• Gate drive supply range from 10V to 20V
• Under-voltage lockout
• CMOS Schmit-triggered inputs with pull-up
• High side output out of phase with input (Inverted input)
Typical Applications
• Diesel and gasoline Injectors/Valves
• MOSFET-and IGBT high side driver applications
For Fairchild’s definition of “green” Eco Status, please visit:
http://www.fairchildsemi.com/company/green/rohs_green.html
Description
The FAN7081_GF085 is a high-side gate drive IC designed for
high voltage and high speed driving of MOSFET or IGBT, which
operates up to 600V. Fairchild's high-voltage process and com-
mon-mode noise cancellation technique provide stable opera-
tion in the high side driver under high-dV/dt noise
circumstances. An advanced level-shift circuit allows high-side
gate driver operation up to VS=-5V (typical) at VBS=15V. Logic
input is compatible with standard CMOS outputs. The UVLO cir-
cuits prevent from malfunction when VCC and VBS are lower
than the specified threshold voltage. It is available with space
saving SOIC-8 Package. Minimum source and sink current
capability of output driver is 250mA and 500mA respectively,
which is suitable for magnetic- and piezo type injectors and gen-
eral MOSFET/IGBT based high side driver applications.
Ordering Information
X : Tape & Reel type
Device
Package
Operating
Temp.
FAN7081M
SOIC-8
-40
°C ~ 125 °C
FAN7081MX
SOIC-8
-40
°C ~ 125 °C
SOIC-8


Similar Part No. - FAN7081M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7081M-GF085 ONSEMI-FAN7081M-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
FAN7081MX-GF085 ONSEMI-FAN7081MX-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Fairchild Semiconductor
FAN7081MX_GF085 FAIRCHILD-FAN7081MX_GF085 Datasheet
419Kb / 16P
   The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
FAN7081M_GF085 FAIRCHILD-FAN7081M_GF085 Datasheet
419Kb / 16P
   The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
More results

Similar Description - FAN7081M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com