Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7081 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7081
Description  High Side Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7081 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7081_1 Datasheet HTML 1Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 2Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 3Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 4Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 5Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 6Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 7Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 8Page - Fairchild Semiconductor FAN7081_1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.0
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are abso-
lute voltages referenced to COM.
Note: 1) The thermal resistance and power dissipation rating are measured bellow conditions;
JESD51-2: Integrated Circuit Thermal Test Method Environmental Conditions - Natural codition(StillAir)
JESD51-3: Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Package
Recommended Operating Conditions
For proper operations the device should be used within the recommended conditions. -40°C <= Ta <= 125°C
Note: 1) Guaranteed by design.
2) Duty = 0.5
Parameter
Symbol
Min.
Max.
Unit
High side floating supply offset voltage
VS
VB-25
VB+0.3
V
High side floating supply voltage
VB
-0.3
625
V
High side floating output voltage
VHO
Vs-0.3
VB+0.3
V
Supply voltage
VCC
-0.3
25
V
Input voltage for IN
VIN
-0.3
V
cc+0.3
V
Power Dissipation 1)
Pd
0.625
W
Thermal resistance, junction to ambient 1)
Rthja
200
°C/W
Electrostatic discharge voltage
(Human Body Model)
VESD
1K
V
Charge device model
VCDM
500
V
Junction Temperature
Tj
150
°C
Storage Temperature
TS
-55
150
°C
Parameter
Symbol
Min.
Max.
Unit
High side floating supply voltage(DC)
Transient:-10V@ 0.2 us
VB
VS + 10
V
s + 20
V
High side floating supply offset voltage(DC)
VS
-4 (@VBS >= 10V)
-5 (@VBS >= 11.5V)
600
V
High side floating supply offset voltage(Tran-
sient
)
VS
-25 (~200ns)
-20(200ns ~240ns)
-7(240ns~400ns)
600
V
High side floating output voltage
VHO
VS
VB
V
Allowable offset voltage Slew Rate 1)
dv/dt
-
50
V/ns
Supply voltage
VCC
10
20
V
Input voltage for IN
VIN
0
Vcc
V
Switching Frequency 2)
Fs
200
KHz
Ambient Temperature
Ta
-40
125
°C


Similar Part No. - FAN7081_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Fairchild Semiconductor
FAN7081CM FAIRCHILD-FAN7081CM Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7081CMX FAIRCHILD-FAN7081CMX Datasheet
295Kb / 16P
   High Side Gate Driver
logo
ON Semiconductor
FAN7081M-GF085 ONSEMI-FAN7081M-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
FAN7081MX-GF085 ONSEMI-FAN7081MX-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7081_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com