Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N138TVM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 6N138TVM
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138TVM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 6N138TVM Datasheet HTML 4Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 5Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 6Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 7Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 8Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 9Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 10Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 11Page - Fairchild Semiconductor 6N138TVM Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
8
Typical Performance Curves (Continued)
Fig. 11 Logic Low Supply Current vs.
Input Diode Forward Current
(6N138M / 6N139M Only)
IF - FORWARD CURRENT (mA)
024
6
8
10
12
14
16
7
6
5
4
3
2
1
0
VCC = 5V
VCC = 18V
Fig. 12 Propagation Delay vs. Temperature
(6N138M / 6N139M Only)
TA - TEMPERATURE (°C)
-40
-40
0
20
40
60
80
100
50
40
30
20
10
0
t
PLH ( IF=0.5mA, RL=4.7kΩ)
t
PLH ( IF=1.5mA, RL=2.2kΩ)
t
PHL ( IF=0.5mA, RL=4.7kΩ)
t
PHL ( IF=1.5mA, RL=2.2kΩ)
V
CC = 5 V
Fig. 10 Output Current vs Output Voltage
(6N138M / 6N139M Only)
VO - OUTPUT VOLTAGE (V)
01
2
100
80
60
40
20
0
VCC = 5V
TA = 25˚C
0.5mA
1mA
1.5mA
2mA
2.5mA
3mA
3.5mA
5mA
4.5mA
4m
Limit of safe
operating region
A


Similar Part No. - 6N138TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138TV FAIRCHILD-6N138TV Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Similar Description - 6N138TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com