Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N138SM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 6N138SM
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  6N138SM Datasheet HTML 1Page - Fairchild Semiconductor 6N138SM Datasheet HTML 2Page - Fairchild Semiconductor 6N138SM Datasheet HTML 3Page - Fairchild Semiconductor 6N138SM Datasheet HTML 4Page - Fairchild Semiconductor 6N138SM Datasheet HTML 5Page - Fairchild Semiconductor 6N138SM Datasheet HTML 6Page - Fairchild Semiconductor 6N138SM Datasheet HTML 7Page - Fairchild Semiconductor 6N138SM Datasheet HTML 8Page - Fairchild Semiconductor 6N138SM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
4
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical value is measured at TA = 25ºC and VCC = 5.0V.)
Switching Characteristics (VCC = 5V)
Symbol Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
tPHL
Propagation Delay
Time to Logic
LOW(3) (Fig. 12)
RL = 4.7kΩ, IF = 0.5mA
6N139M
30
µs
TA = 25°C
2.5
25
RL = 4.7kΩ, IF = 0.5mA
HCPL2731M
120
Each Channel
TA = 25°C
100
RL = 270Ω, IF = 12mA
6N139M
2
TA = 25°C
0.24
1
RL = 270Ω, IF = 12mA, Each Channel
HCPL2730M
3
TA = 25°C
HCPL2731M
2
RL = 2.2kΩ, IF = 1.6mA
6N138M
15
TA = 25°C
1
10
RL = 2.2kΩ, IF = 1.6mA, Each Channel
HCPL2731M
HCPL2730M
25
TA = 25°C
20
tPLH
Propagation Delay
Time to Logic
HIGH(3) (Fig. 12)
RL = 4.7kΩ, IF = 0.5mA
6N139M
90
µs
Each Channel
HCPL2731M
RL = 4.7kΩ, IF = 0.5mA, TA = 25°C
6N139M
13.6
60
Each Channel
HCPL2731M
RL = 270Ω, IF = 12mA
6N139M
10
TA = 25°C
1.3
7
RL = 270Ω, IF = 12mA, Each Channel
HCPL2730M
HCPL2731M
15
TA = 25°C
10
RL = 2.2kΩ, IF = 1.6mA
6N138M
50
Each Channel
HCPL2730M
HCPL2731M
RL = 2.2kΩ, IF = 1.6mA, TA = 25°C
6N138M
7.3
35
Each Channel
HCPL2730M
HCPL2731M
|CMH|
Common Mode
Transient
Immunity at Logic
HIGH(4) (Fig. 13)
IF = 0mA, |VCM| = 10VP-P, TA = 25°C,
RL = 2.2kΩ
6N138M
6N139M
1,000
10,000
V/µs
Each Channel
HCPL2730M
HCPL2731M
|CML|
Common Mode
Transient
Immunity at Logic
LOW(4) (Fig. 13)
(IF = 1.6mA, |VCM| = 10VP-P, RL = 2.2kΩ)
TA = 25°C
6N138M
6N139M
1,000
10,000
V/µs
Each Channel
HCPL2730M
HCPL2731M


Similar Part No. - 6N138SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138S FAIRCHILD-6N138S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138S FAIRCHILD-6N138S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138S FAIRCHILD-6N138S Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N138S CTMICRO-6N138S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N138S UMW-6N138S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
More results

Similar Description - 6N138SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com