Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6982 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6982
Description  CCM Power Factor Correction Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6982 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6982 Datasheet HTML 1Page - Fairchild Semiconductor FAN6982 Datasheet HTML 2Page - Fairchild Semiconductor FAN6982 Datasheet HTML 3Page - Fairchild Semiconductor FAN6982 Datasheet HTML 4Page - Fairchild Semiconductor FAN6982 Datasheet HTML 5Page - Fairchild Semiconductor FAN6982 Datasheet HTML 6Page - Fairchild Semiconductor FAN6982 Datasheet HTML 7Page - Fairchild Semiconductor FAN6982 Datasheet HTML 8Page - Fairchild Semiconductor FAN6982 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6982 • Rev. 1.0.1
3
Block Diagram
OSCILLATOR
PGND
EN
RDY
Q
Q
SET
CLR
S
R
2.5V
GmV
FBPFC
IAC
VRMS
0.3V
Low-Power
Detect Comparator
ISENSE
GmI
-1.15V
PFC ILIMIT
PFC OVP
VDD OVP
PFC UVP
2.75V/2.5V
28V/27V
0.5V
Q
Q
SET
CLR
S
R
VDD
RT/CT
VEA
IEA
7.5V
REFERENCE
VDD
VREF
2.4V/1.15V
FBPFC
UVLO
VDD
1
14
11
OPFC
7
SGND
1.05V/1.9V
VRMS
VIN UVP
13
6
4
3
12
9
5
RM
R
M
Range
10
2
VEA
2.8V
8
x
2
k
ISENSE
Gain Modulator
I
MO
Figure 2. Functional Block Diagram
Marking Information
Figure 3. Top Mark
F
– Fairchild Logo
Z – Plant Code
X – 1-Digit Year Code
Y – 1-Digit Week Code
TT – 2-Digit Die-Run Code
T – Package Type (M: SOP)
P – Y: Green Package
M – Manufacture Flow Code


Similar Part No. - FAN6982

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6982 FAIRCHILD-FAN6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - FAN6982

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com