Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RZF030P01 Datasheet(PDF) 3 Page - Rohm

Part # RZF030P01
Description  1.5V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF030P01 Datasheet(HTML) 3 Page - Rohm

  RZF030P01 Datasheet HTML 1Page - Rohm RZF030P01 Datasheet HTML 2Page - Rohm RZF030P01 Datasheet HTML 3Page - Rohm RZF030P01 Datasheet HTML 4Page - Rohm RZF030P01 Datasheet HTML 5Page - Rohm RZF030P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RZF030P01
Data Sheet
3/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Electrical characteristic curves
 
Fig.4 Static Drain-Source On-State
Resistance vs.Drain Current
10
100
1000
0.01
0.1
1
10
DRAIN CURRENT : - ID [A]
Ta=25℃
pulsed
VGS= - 1.5V
VGS= - 1.8V
VGS= - 2.5V
VGS= - 4.5V
Fig.5 Static Drain-Source On-State
Resistance vs.Gate-Source Voltage
0
50
100
150
200
250
02
4
6
8
10
GATE-SOURCE CURRENT : -VGS [V]
Ta=25℃
pulsed
ID= - 3.0A
ID= - 1.5A
Fig.6 Static Drain-Source On-State
Resistance vs.Drain Current
10
100
1000
0.01
0.1
1
10
DRAIN CURRENT : - ID [A]
VGS= - 4.5V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current
10
100
1000
0.01
0.1
1
10
DRAIN CURRENT : - ID [A]
VGS= - 2.5V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current
10
100
1000
0.01
0.1
1
10
DRAIN CURRENT : - ID [A]
VGS= - 1.8V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Fig.3 Typical Transfer Characteristics
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
GATE-SOURCE VOLTAGE: - VGS [V]
VDS= - 6V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Fig.1 Typical Output Characteristics (
Ι)
0
5
10
0.0
2.0
4.0
6.0
8.0
10.0
DRAIN-SOURCE VOLTAGE : -VDS [V]
Ta=25℃
pulsed
VGS= - 1.4V
VGS= - 10V
VGS= - 1.2V
VGS= - 1.6V
VGS= - 4.5V
VGS= - 1.8V
VGS= - 1.0V
Fig.9 Static Drain-Source On-State
Resistance vs. Drain Current
10
100
1000
0.01
0.1
1
10
DRAIN CURRENT : - ID [A]
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
VGS= - 1.5V
pulsed
Fig.2 Typical Output Characteristics (Ⅱ)
0
5
10
0.0
0.2
0.4
0.6
0.8
1.0
DRAIN-SOURCE VOLTAGE : -VDS [V]
Ta=25℃
pulsed
VGS= - 1.4V
VGS= - 10V
VGS= - 1.2V
VGS= - 1.6V
VGS= - 4.5V
VGS= - 1.8V
VGS= -1.0V
VGS= - 2.4V


Similar Part No. - RZF030P01

ManufacturerPart #DatasheetDescription
logo
Rohm
RZF030P01 ROHM-RZF030P01 Datasheet
202Kb / 6P
   1.5V Drive Pch MOSFET
RZF030P01TL ROHM-RZF030P01TL Datasheet
202Kb / 6P
   1.5V Drive Pch MOSFET
More results

Similar Description - RZF030P01

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com