Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW1E014SN Datasheet(PDF) 3 Page - Rohm

Part # RW1E014SN
Description  4V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1E014SN Datasheet(HTML) 3 Page - Rohm

  RW1E014SN Datasheet HTML 1Page - Rohm RW1E014SN Datasheet HTML 2Page - Rohm RW1E014SN Datasheet HTML 3Page - Rohm RW1E014SN Datasheet HTML 4Page - Rohm RW1E014SN Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RW1E014SN
Data Sheet
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Electrical characteristics curves
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE : VDS (V)
1
100
10
1000
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
100
1000
Fig.2 Switching Characteristics
Ta
=25°C
VDD
=15V
VGS
=10V
RG
=10Ω
Pulsed
tr
tf
td (off)
td (on)
0123
TOTAL GATE CHARGE : Qg (nC)
0
3
2
1
10
9
8
7
6
5
4
Fig.3 Dynamic Input Characteristics
Ta
=25°C
VDD
=15V
ID
=1.4A
RG
=10Ω
Pulsed
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GATE-SOURCE VOLTAGE : VGS (V)
0.001
1
0.1
0.01
10
Fig.4 Typical Transfer Characteristics
VDS
=10V
Pulsed
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
02
4
6
8
10
GATE SOURCE VOLTAGE : VGS (V)
0
300
200
100
1000
900
800
700
600
500
400
Fig.5 Static Drain-Source
On-State Resistance
vs. Gate-Source Voltage
Ta
=25°C
Pulsed
ID=1.4A
ID=0.7A
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
0.1
0.01
1
10
Fig.6 Source Current vs.
Source-Drain Voltage
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
10000
1000
100
10
Fig.7 Static Drain-Source
On-State Resistance vs.
Drain Current (
Ι )
VGS
=10V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
10000
1000
100
10
Fig.8 Static Drain-Source
On-State Resistance vs.
Drain Current (
ΙΙ )
VGS
=4.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
10000
1000
100
10
Fig.9 Static Drain-Source
On-State Resistance vs.
Drain Current (
ΙΙΙ )
VGS
=4V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
DRAIN CURRENT : ID (A)
1000
100
Fig.10 Static Drain-Source
On-State Resistance vs.
Drain Current (
Ι )
Ta
=25°C
Pulsed
VGS=10V
VGS=4.5V
VGS=4V


Similar Part No. - RW1E014SN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RW1E014SN VBSEMI-RW1E014SN Datasheet
1,008Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - RW1E014SN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com