Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5210D Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # LC5210D
Description  LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5210D Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button LC5210D Datasheet HTML 5Page - Allegro MicroSystems LC5210D Datasheet HTML 6Page - Allegro MicroSystems LC5210D Datasheet HTML 7Page - Allegro MicroSystems LC5210D Datasheet HTML 8Page - Allegro MicroSystems LC5210D Datasheet HTML 9Page - Allegro MicroSystems LC5210D Datasheet HTML 10Page - Allegro MicroSystems LC5210D Datasheet HTML 11Page - Allegro MicroSystems LC5210D Datasheet HTML 12Page - Allegro MicroSystems LC5210D Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
About TRIAC Dimming Control (Phase Control)
Commonly used TRIAC dimmers are designed for mainly resis-
tive loads and they require TRIAC holding current for proper
phase controls. LC5200 series does not respond to this type of
dimmers because it does not have function to create the holding
current during phase off period.
Power Factor Improvement
Making the LED current proportional to the AC input voltage
improves the power factor, and it can be realized using LC5200
series REF pin function. Figure 8 shows the application circuit.
There is no AC rectification capacitor, and R2 and R3 divide the
AC voltage to create a proportional low voltage as the AC voltage
for the REF pin. This way, LED current follows the AC voltage
shape and improves the power factor. In case the REF voltage
fluctuates widely, place a clamp diode in parallel with R2 to pro-
tect the REF pin. In that case, the REF voltage becomes distorted
(lower waveform in figure 8) and could cause the power factor to
decrease.
Figure 9 shows actual waveforms of the operation. Panel A shows
operation with fixed REF pin voltage, and panel B shows opera-
tion with AC proportional REF pin voltage. For both operations,
there is no AC rectification capacitor used. The yellow wave-
form is the AC input current, and the black waveform is a 2 kHz
low pass filtered waveform. In panel B, the current forms a sine
waveform, which means the power factor is improved.
Figure 8. Power factor improvement circuit
Figure 9. Power factor improvement operating waveforms: 100 VAC, 5 white LEDs in series, average LED current 0.5 A; black trace: AC input current IAC
after 2 kHz low pass filter = 500 mA/ div.; red trace: IAC after 2 kHz low pass filter = 200 mA/ div.
Fixed VREF, PF = 49.1%
AC proportional voltage, PF = 82.9%
LC5200
GND
PF improved
PF loss with clamping
REF
R
Optional
clamp diode
2
R3
VBB
vBB
vREF
BB
Ref
v
R
R
R
v
3
2
2
vBB
v
Ref
VF
VBB
VBB
ILED
IAC after
2 kHz LPF
IAC after
2 kHz LPF
ILED


Similar Part No. - LC5210D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Similar Description - LC5210D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com