Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1842F/DESC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1842F/DESC
Description  CURRENT MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1842F/DESC Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1842F/DESC Datasheet HTML 1Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 2Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 3Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 4Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 5Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 6Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 7Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 8Page - Microsemi Corporation SG1842F/DESC Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
P RODUCTION D AT A S HEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
1
SG1842/SG1843 Series
C UR RENT M OD E PW M C ONTR O LLER
Copyright
© 2000
Rev. 1.6b 2010-03-15
DESCRIPTION
The SG1842/43 family of control IC's provides all
the necessary features to implement off-line fixed
frequency, current-mode switching power supplies
with a minimum number of external components.
Current-mode architecture demonstrates improved
line regulation, improved load regulation, pulse-
by-pulse current limiting and inherent protection
of the power supply output switch. The bandgap
reference is trimmed to ±1% over temperature.
Oscillator discharge current is trimmed to less
than ±10%. The SG1842/43 has under-voltage
lockout, current limiting circuitry and start-up
current of less than 1mA. The totem-pole output
is optimized to drive the gate of a power
MOSFET. The output is low in the off state to
provide direct interface to an N channel device.
The SG1842/43 is specified for operation over
the full military ambient temperature range of -
55°C to 125°C. The SG2842/43 is specified for
the industrial range of -25°C to 85°C, and the
SG3842/43 is designed for the commercial range
of 0°C to 70°C.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT HIGHLIG HT
AC
INPUT
SG3842
R
ST
I
ST
V
CC
KEY FEA T URES
OPTIMIZED FOR OFF-LINE
CONTROL
LOW START-UP CURRENT (<1mA)
AUTOMATIC FEED FORWARD
COMPENSATION
TRIMMED OSCILLATOR
DISCHARGE CURRENT
PULSE-BY-PULSE CURRENT
LIMITING
ENHANCED LOAD RESPONSE
CHARACTERISTICS
UNDER-VOLTAGE LOCKOUT
WITH 6V HYSTERESIS (SG1842
only)
DOUBLE-PULSE SUPPRESSION
HIGH-CURRENT TOTEM-POLE
OUTPUT (1AMP PEAK)
INTERNALLY TRIMMED BANDGAP
REFERENCE
500KHZ OPERATION
UNDERVOLTAGE LOCKOUT
SG1842 - 16 volts
SG1843 - 8.4 volts
LOW SHOOT-THROUGH
CURRENT <75mA OVER
TEMPERATURE
HI GH RELI ABI L I T Y
FEATURES
AVAILABLE TO MIL-STD-883B AND
DSCC
SCHEDULED FOR MIL-M38510
QPL LISTING
RADIATION DATA AVAILABLE
Microsemi LEVEL "S" PROCESSING
AVAILABLE
PACKAGE ORDER INFO
M
Plastic DIP
8-Pin
N
Plastic DIP
14-Pin
DM
Plastic SOIC
8-Pin
D
Plastic SOIC
14-Pin
Y
Ceramic Dip
8-Pin
J
Ceramic DIP
14-Pin
F
Cer Flatpack
10-Pin
L
Ceramic LCC
20-Pin
TA (°C)
RoHS / Pb-free Transition DC: 0503
RoHS / Pb-free Transition DC:0440
SG3842M
SG3842N
SG3842DM
SG3842D
SG3842Y
SG3842J
0 to 70
SG3843M
SG3843N
SG3843DM
SG3843D
SG3843Y
SG3842J
SG2842M
SG2842N
SG2842DM
SG2842D
SG2842Y
SG2842J
-25 to 85
SG2843M
SG2843N
SG2843DM
SG2843D
SG2843Y
SG2843J
SG1842Y
SG1842J
SG1842F
SG1842L
-55 to
125
SG1843Y
SG1843J
SG1843F
SG1842L
SG1842Y/883B
SG1842J/883B
SG1842F/883B
SG1842L/883B
MIL-
STD/883
SG1843Y/883B
SG1843J/883B
SG1843F/883B
SG1843L/883B
SG1842Y/DESC
SG1842J/DESC
SG1842F/DESC
SG1842L/DESC
DESC
SG1843Y/DESC
SG1843J/DESC
SG1843F/DESC
SG1843L/DESC
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. SG2843DM-TR)
Plastic packages are RoHS compliant
TM
®


Similar Part No. - SG1842F/DESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1842F/DESC MICROSEMI-SG1842F/DESC Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG1842F/DESC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com