Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0645A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0645A
Description  SAW IF Filter 36.125MHz for Digital Cable TV
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0645A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0645A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0645A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0645A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0645A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E.TEST CIRCUIT
E. Outline Drawing:
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
6 4 5
T ∆
Pin No. Functions
1.
Input
2.
input - ground
3.
Chip carrier - ground
4.
Output
5.
Output
: Week Code (Follow the table from planner each year)
: Product / Year Code


Similar Part No. - TB0645A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
TB0640H DIODES-TB0640H Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results

Similar Description - TB0645A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0244A TAI-SAW-TB0244A Datasheet
413Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
TB0257A TAI-SAW-TB0257A Datasheet
413Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
TB0258A TAI-SAW-TB0258A Datasheet
398Kb / 4P
   SAW IF Filter 43.75MHz for Digital Cable TV
TB0207A TAI-SAW-TB0207A Datasheet
394Kb / 4P
   SAW IF Filter 43.75MHz for Digital Cable TV
TB0601A TAI-SAW-TB0601A Datasheet
325Kb / 5P
   IF SAW Filter 36.125MHz SMD 10.8X3.8mm
logo
Fujitsu Component Limit...
SBF0406FPL FUJITSU-SBF0406FPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406KPL FUJITSU-SBF0406KPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408LPL FUJITSU-SBF0408LPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406RPL FUJITSU-SBF0406RPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0407BPL FUJITSU-SBF0407BPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com