Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2844M Datasheet(PDF) 10 Page - Microsemi Corporation

Part # SG2844M
Description  CURRENT MODE PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2844M Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button SG2844M Datasheet HTML 4Page - Microsemi Corporation SG2844M Datasheet HTML 5Page - Microsemi Corporation SG2844M Datasheet HTML 6Page - Microsemi Corporation SG2844M Datasheet HTML 7Page - Microsemi Corporation SG2844M Datasheet HTML 8Page - Microsemi Corporation SG2844M Datasheet HTML 9Page - Microsemi Corporation SG2844M Datasheet HTML 10Page - Microsemi Corporation SG2844M Datasheet HTML 11Page - Microsemi Corporation SG2844M Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.6c
10
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
OSCILLATOR
The oscillator of the 1844/45 family of PWM's is programmed by
the external timing components (RT, CT) as shown in Figure 13.
FIGURE 12 — OSCILLATOR TIMING CIRCUIT
V
REF
R
T/CT
GND
R
T
C
T
FIGURE 13 — OSCILLATOR FREQUENCY vs. R
T FOR VARIOUS CT
100K
1K
100
10K
Oscillator Frequency - (Hz)
100K
1K
10K
1M
47nF
F
where R
T ≥ 5kΩ
1.86
R
TCT


Similar Part No. - SG2844M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2844M MICROSEMI-SG2844M Datasheet
216Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG2844M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com