Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTR025N05 Datasheet(PDF) 1 Page - Rohm

Part No. RTR025N05
Description  2.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RTR025N05 Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
(1) Gate
(2) Source
(3) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(3)
(1)
(2)
2.5V Drive Nch MOSFET
RTR025N05
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (TSMT3).
Application
Switching
Packaging specifications
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
RTR025N05
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
45
V
VGSS
±12
A
ID
±2.5
A
IDP
±10
A
IS
0.8
A
ISP
10
W
PD
1.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 When mounted on a ceramic board
Source current
(Body diode)
Thermal resistance
°C / W
Rth (ch-a)
125
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board
Each lead has same dimensions
(1) Gate
(2) Source
(3) Drain
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Abbreviated symbol : PW


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn