Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTR025N05 Datasheet(PDF) 3 Page - Rohm

Part No. RTR025N05
Description  2.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RTR025N05 Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
RTR025N05
Body diode characteristics curves
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
VGS= 1.8V
Ta=25°C
Pulsed
VGS= 10V
VGS= 4.5V
VGS= 4.0V
VGS= 2.0V
VGS= 2.5V
0.001
0.01
0.1
1
10
0
0.5
11.5
22.5
VDS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
10
100
1000
0.01
0.1
1
10
VGS= 2.5V
VGS= 4.0V
VGS= 4.5V
Ta= 25°C
Pulsed
0.01
0.1
1
10
00.5
1
1.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
0
2468
10
VGS= 1.8V
Ta=25°C
Pulsed
VGS= 2.0V
VGS= 4.5V
VGS= 4.0V
VGS= 2.5V
10
100
1000
0.01
0.1
1
10
VGS= 4.0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
10
100
1000
0.01
0.1
1
10
VGS= 4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.1
1
10
0.01
0.1
1
10
VDS= 10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
10
100
1000
0.01
0.1
1
10
VGS= 2.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : VDS[V]
DRAIN-SOURCE VOLTAGE : VDS[V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
SOURCE-DRAIN VOLTAGE : VSD [V]


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn